Part Number Hot Search : 
CM2801 ET100 HMC128G8 08MUT HFR8A06 LM335AZT LC7818 LC7818
Product Description
Full Text Search
 

To Download 520PG0C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5.0 mm DIA LED 520PG0C
LAMP
REV:A / 2
PACKAGE DIMENSIONS
Note: 1.All Dimensions are in millimeters. 2.Tolerance is 0.25mm(0.010 ") Unless otherwise specified. 3.Protruded resin under flange is 1.5mm(0.059 ") max. 4.Lead spacing is measured where the leads emerge from the package. 5.Specification are subject to change without notice 6.highlight <-400V the led can withstand the max static level when assembling or operation.
DRAWING NO. : DS-35-03-0782
DATE: 2004-08-07
Page:
1
HD-R/R013
5.0 mm DIA LED 520PG0C
LAMP
REV:A / 2
FEATURES * SUITABLE HIGH PULSE CURRENT OPERATION * EXTRA HIGH RADIANT POWER AND RADIANT INTENSITY * HIGH RELIABILITY * LOW FORWARD VOLTAGE CHIP MATERIALS * Dice Material : GaInN/GaN * Light Color : BLUEGREEN * Lens Color : WATER CLEAR ABSOLUTE MAXIMUM RATING:(Ta25C)
SYMBOL PAD VR IF Topr DESCRIPTION Power Dissipation Per Chip Reverse Voltage Per Chip Average Forward Current Per Chip Derating Linear From 25C Per Chip Operating Temperature Range BLUEGREEN 120 5 30 0.4 UNIT mW V mA mA/C
-25C to 85C
Tstg Storage Temperature Range -40C to 85C Lead Soldering Temperature1.6mm(0.063 inch) From Body260C5C For 5 Seconds
ELECTRO-OPTICAL CHARACTERISTICS:(Ta=25C)
SYMBOL VF IR D 21/2 Iv DESCRIPTION Forward Voltage Reverse Current Dominant Wavelength Spectral Line Half-Width Half Intensity Angle Luminous Intensity TEST CONDITION IF = 20mA VR = 5V IF = 20mA IF = 20mA IF = 20mA IF = 20mA 505 22 20 6500 8000 MIN. TYP. 3.5 MAX. 4.0 100 UNIT V A nm nm deg mcd
DRAWING NO. : DS-35-03-0782
DATE: 2004-08-07
Page:
2
HD-R/RD014
5.0 mm DIA LED 520PG0C

LAMP
REV:A / 2
DRAWING NO. : DS-35-03-0782
DATE: 2004-08-07
Page: 3


▲Up To Search▲   

 
Price & Availability of 520PG0C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X